công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICE40LP bảng dữ liệu(PDF) 11 Page - Lattice Semiconductor

tên linh kiện ICE40LP
Giải thích chi tiết về linh kiện  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40LP bảng dữ liệu(HTML) 11 Page - Lattice Semiconductor

Back Button ICE40LP Datasheet HTML 7Page - Lattice Semiconductor ICE40LP Datasheet HTML 8Page - Lattice Semiconductor ICE40LP Datasheet HTML 9Page - Lattice Semiconductor ICE40LP Datasheet HTML 10Page - Lattice Semiconductor ICE40LP Datasheet HTML 11Page - Lattice Semiconductor ICE40LP Datasheet HTML 12Page - Lattice Semiconductor ICE40LP Datasheet HTML 13Page - Lattice Semiconductor ICE40LP Datasheet HTML 14Page - Lattice Semiconductor ICE40LP Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
11
3.1.3.1. Global Hi-Z Control
The global high-impedance control signal, GHIZ, connects to all I/O pins on the iCE40 LP/HX device. This GHIZ signal is
automatically asserted throughout the configuration process, forcing all user I/O pins into their high-impedance state.
3.1.3.2. Global Reset Control
The global reset control signal connects to all PLB and PIO flip-flops on the iCE40 LP/HX device. The global reset signal is
automatically asserted throughout the configuration process, forcing all flip-flops to their defined wake-up state. For
PLB flip-flops, the wake-up state is always reset, regardless of the PLB flip-flop primitive used in the application.
3.1.4. sysCLOCK Phase Locked Loops (PLLs)
The sysCLOCK PLLs provide the ability to synthesize clock frequencies. The iCE40 LP/HX devices have one sysCLOCK PLL.
REFERENCECLK is the reference frequency input to the PLL and its source can come from an external I/O pin, the
internal Oscillator Generators from internal routing. EXTFEEDBACK is the feedback signal to the PLL which can come
from internal routing or an external I/O pin. The feedback divider is used to multiply the reference frequency and thus
synthesize a higher frequency clock output.
The PLLOUT output has an output divider, thus allowing the PLL to generate different frequencies for each output. The
output divider can have a value from 1 to 64 (in increments of 2X). The PLLOUT outputs can all be used to drive the
iCE40 LP/HX global clock network directly or general purpose routing resources can be used.
The LOCK signal is asserted when the PLL determines it has achieved lock and de-asserted if a loss of lock is detected. A
block diagram of the PLL is shown in Figure 3.3.
The timing of the device registers can be optimized by programming a phase shift into the PLLOUT output clock which
will advance or delay the output clock with reference to the REFERENCECLK clock. This phase shift can be either
programmed during configuration or can be adjusted dynamically. In dynamic mode, the PLL may lose lock after a phase
adjustment on the output used as the feedback source and not relock until the tLOCK parameter has been satisfied.
There is an additional feature in the iCE40 LP/HX PLL. There are two FPGA controlled inputs, SCLK and SDI, that allows
the user logic to serially shift in data thru SDI, clocked by SCLK clock. The data shifted in would change the configuration
settings of the PLL. This feature allows the PLL to be time multiplexed for different functions, with different clock rates.
After the data is shifted in, you would simply pulse the RESET input of the PLL block, and the PLL will re-lock with the
new settings. For more details, refer to iCE40 sysCLOCK PLL Design and Usage Guide (TN1251).
Input
Divider
DIVR
Low-Pass
Filter
Voltage
Controlled
Oscillator
(VCO)
VCO
Divider
DIVQ
Feedback
Divider
DIVF
RANGE
Phase
Detector
Feedback_Path
Fine Delay
Adjustment
Feedback
Phase
Shifter
LATCHINPU TVALUE
REFERENCECLK
DYNAMICDELAY[7:0]
BYPASS
RESET
EXTFEEDBACK
PLLOUTCORE
PLLOUTGLOBAL
LOCK
BYPASS
Low Powermode
SIMPLE
EXTERNAL
VCC PLL
GNDPLL
Fine Delay
Adjustment
Output Port
SCLK
SDI
Figure 3.3. PLL Diagram
Table 3.3 provides signal descriptions of the PLL block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com