công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICE40LP bảng dữ liệu(PDF) 22 Page - Lattice Semiconductor

tên linh kiện ICE40LP
Giải thích chi tiết về linh kiện  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40LP bảng dữ liệu(HTML) 22 Page - Lattice Semiconductor

Back Button ICE40LP Datasheet HTML 18Page - Lattice Semiconductor ICE40LP Datasheet HTML 19Page - Lattice Semiconductor ICE40LP Datasheet HTML 20Page - Lattice Semiconductor ICE40LP Datasheet HTML 21Page - Lattice Semiconductor ICE40LP Datasheet HTML 22Page - Lattice Semiconductor ICE40LP Datasheet HTML 23Page - Lattice Semiconductor ICE40LP Datasheet HTML 24Page - Lattice Semiconductor ICE40LP Datasheet HTML 25Page - Lattice Semiconductor ICE40LP Datasheet HTML 26Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
22
FPGA-DS-02029-3.5
4.8. Static Supply Current – HX Devices
Table 4.7. Supply Current– HX Devices1, 2, 3, 4
Symbol
Parameter
Device
Typ VCC4
Unit
ICC
Core Power Supply
iCE40HX1K
296
µA
iCE40HX4K
1140
µA
iCE40HX8K
1140
µA
ICCPLL5
PLL Power Supply
All devices
0.5
µA
IPP_2V5
NVCM Power Supply
All devices
1.0
µA
ICCIO, ICC_SPI
Bank Power Supply4
VCCIO = 2.5 V
All devices
3.5
µA
Notes:
1.
Assumes blank pattern with the following characteristics: all outputs are tri-stated, all inputs are configured as LVCMOS and
held at VCCIO or GND, on-chip PLL is off. For more detail with your specific design, use the Power Calculator tool. Power specified
with master SPI configuration mode. Other modes may be up to 25% higher.
2.
Frequency = 0 MHz.
3.
TJ = 25 °C, power supplies at nominal voltage.
4.
Does not include pull-up.
5.
VCCPLL is tied to VCC internally in packages without PLL pins.
4.9. Programming NVCM Supply Current – LP Devices
Table 4.8. Programming NVCM Supply Current – LP Devices1, 2, 3, 4
Symbol
Parameter
Device
Typ VCC5
Unit
ICC
Core Power Supply
iCE40LP384
60
µA
iCE40LP640
120
µA
iCE40LP1K
120
µA
iCE40LP4K
350
µA
iCE40LP8K
350
µA
All devices
0.5
µA
ICCPLL6, 7
PLL Power Supply
All devices
2.5
mA
IPP_2V5
NVCM Power Supply
All devices
3.5
mA
ICCIO
8
, ICC_SPI
Bank Power Supply4
iCE40LP384
60
µA
Notes:
1.
Assumes all inputs are held at VCCIO or GND and all outputs are tri-stated.
2.
Typical user pattern.
3.
SPI programming is at 8 MHz.
4.
TJ = 25 °C, power supplies at nominal voltage.
5.
Per bank. VCCIO = 2.5 V. Does not include pull-up.
6.
No PLL available on the iCE40LP384 and iCE40LP640 devices.
7.
VCCPLL is tied to VCC internally in packages without PLLs pins.
8.
VPP_FAST, used only for fast production programming, must be left floating or unconnected in applications, except CM36 and
CM49 packages MUST have the VPP_FAST ball connected to VCCIO_0 ball externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com