công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 99 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Delfino??Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 99 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 95Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 96Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 97Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 98Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 99Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 100Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 101Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 102Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 222 page
background image
99
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
www.ti.com
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Specifications
Copyright © 2013–2018, Texas Instruments Incorporated
5.10.1 Analog-to-Digital Converter (ADC)
The ADCs on this device are successive approximation (SAR) style ADCs with selectable resolution of
either 16 bits or 12 bits. There are multiple ADC modules which allow simultaneous sampling. The ADC
wrapper is start-of-conversion (SOC) based [see the SOC Principle of Operation section of the
TMS320F2837xD Dual-Core Delfino Microcontrollers Technical Reference Manual.
Each ADC has the following features:
•
Selectable resolution of 16 bits or 12 bits
•
Ratiometric external reference set by VREFHI and VREFLO
•
Differential signal conversions (16-bit mode only)
•
Single-ended signal conversions (12-bit mode only)
•
Input multiplexer with up to 16 channels (single-ended) or 8 channels (differential)
•
16 configurable SOCs
•
16 individually addressable result registers
•
Multiple trigger sources
–
Software immediate start
–
All ePWMs
–
GPIO XINT2
–
CPU timers
–
ADCINT1 or 2
•
Four flexible PIE interrupts
•
Burst mode
•
Four post-processing blocks, each with:
–
Saturating offset calibration
–
Error from setpoint calculation
–
High, low, and zero-crossing compare, with interrupt and ePWM trip capability
–
Trigger-to-sample delay capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com