công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 55 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Delfino??Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 55 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 51Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 52Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 53Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 54Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 55Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 56Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 57Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 58Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 222 page
background image
55
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
www.ti.com
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Specifications
Copyright © 2013–2018, Texas Instruments Incorporated
5.5.2
Reducing Current Consumption
The F2837xD devices provide some methods to reduce the device current consumption:
•
Any one of the four low-power modes—IDLE, STANDBY, HALT, and HIBERNATE—could be entered
during idle periods in the application.
•
The flash module may be powered down if the code is run from RAM.
•
Disable the pullups on pins that assume an output function.
•
Each peripheral has an individual clock-enable bit (PCLKCRx). Reduced current consumption may be
achieved by turning off the clock to any peripheral that is not used in a given application. Table 5-2
indicates the typical current reduction that may be achieved by disabling the clocks using the
PCLKCRx register.
(1)
At Vmax and 125°C.
(2)
All peripherals are disabled upon reset. Use the PCLKCRx register
to individually enable peripherals. For peripherals with multiple
instances, the current quoted is for a single module.
(3)
This number represents the current drawn by the digital portion of
the ADC, CMPSS, and DAC modules.
(4)
The ePWM is at /2 of SYSCLK.
Table 5-2. Current on VDD Supply by Various
Peripherals (at 200 MHz)(1)
PERIPHERAL
MODULE(2)
IDD CURRENT
REDUCTION (mA)
ADC(3)
3.3
CAN
3.3
CLA
1.4
CMPSS(3)
1.4
CPUTIMER
0.3
DAC(3)
0.6
DMA
2.9
eCAP
0.6
EMIF1
2.9
EMIF2
2.6
ePWM1 to ePWM4(4)
4.5
ePWM5 to ePWM12(4)
1.7
HRPWM(4)
1.7
I2C
1.3
McBSP
1.6
SCI
0.9
SDFM
2
SPI
0.5
uPP
7.3
USB and AUXPLL at 60 MHz
23.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com