công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 34 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Delfino??Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 30Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 31Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 32Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 33Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 34Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 35Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 36Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 37Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 222 page
background image
34
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Terminal Configuration and Functions
Copyright © 2013–2018, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
TERMINAL
I/O/Z(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
GPIO156
0, 4, 8, 12
D12
–
–
I/O
General-purpose input/output 156
EPWM6B
1
O
Enhanced PWM6 output B (HRPWM-capable)
GPIO157
0, 4, 8, 12
B10
–
–
I/O
General-purpose input/output 157
EPWM7A
1
O
Enhanced PWM7 output A (HRPWM-capable)
GPIO158
0, 4, 8, 12
C10
–
–
I/O
General-purpose input/output 158
EPWM7B
1
O
Enhanced PWM7 output B (HRPWM-capable)
GPIO159
0, 4, 8, 12
D10
–
–
I/O
General-purpose input/output 159
EPWM8A
1
O
Enhanced PWM8 output A (HRPWM-capable)
GPIO160
0, 4, 8, 12
B9
–
–
I/O
General-purpose input/output 160
EPWM8B
1
O
Enhanced PWM8 output B (HRPWM-capable)
GPIO161
0, 4, 8, 12
C9
–
–
I/O
General-purpose input/output 161
EPWM9A
1
O
Enhanced PWM9 output A
GPIO162
0, 4, 8, 12
D9
–
–
I/O
General-purpose input/output 162
EPWM9B
1
O
Enhanced PWM9 output B
GPIO163
0, 4, 8, 12
A8
–
–
I/O
General-purpose input/output 163
EPWM10A
1
O
Enhanced PWM10 output A
GPIO164
0, 4, 8, 12
B8
–
–
I/O
General-purpose input/output 164
EPWM10B
1
O
Enhanced PWM10 output B
GPIO165
0, 4, 8, 12
C5
–
–
I/O
General-purpose input/output 165
EPWM11A
1
O
Enhanced PWM11 output A
GPIO166
0, 4, 8, 12
D5
–
–
I/O
General-purpose input/output 166
EPWM11B
1
O
Enhanced PWM11 output B
GPIO167
0, 4, 8, 12
C4
–
–
I/O
General-purpose input/output 167
EPWM12A
1
O
Enhanced PWM12 output A
GPIO168
0, 4, 8, 12
D4
–
–
I/O
General-purpose input/output 168
EPWM12B
1
O
Enhanced PWM12 output B
RESET
XRS
F19
124
69
I/OD
Device Reset (in) and Watchdog Reset (out). The
devices have a built-in power-on reset (POR) circuit.
During a power-on condition, this pin is driven low by the
device. An external circuit may also drive this pin to
assert a device reset. This pin is also driven low by the
MCU when a watchdog reset or NMI watchdog reset
occurs. During watchdog reset, the XRS pin is driven low
for the watchdog reset duration of 512 OSCCLK cycles.
A resistor with a value from 2.2 kΩ to 10 kΩ should be
placed between XRS and VDDIO. If a capacitor is placed
between XRS and VSS for noise filtering, it should be
100 nF or smaller. These values will allow the watchdog
to properly drive the XRS pin to VOL within 512 OSCCLK
cycles when the watchdog reset is asserted. The output
buffer of this pin is an open drain with an internal pullup.
If this pin is driven by an external device, it should be
done using an open-drain device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com