| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17P133CS bảng dữ liệu(PDF) 14 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P133CS bảng dữ liệu(HTML) 14 Page - NEC |
|
14 / 289 page ![]() – ix – LIST OF TABLES (1/1) Table No. Title Page 2-1 Handling Unused Pins ............................................................................................................ 17 4-1 Vector Address for the µPD17120 Subseries ........................................................................ 25 6-1 Operation of the Stack Pointer .............................................................................................. 37 6-2 Operation of the Stack Pointer during Execution .................................................................. 38 6-3 Stack Operation during Table Reference ............................................................................... 38 6-4 Stack Operation during Interrupt Receipt and Return ............................................................ 39 6-5 Stack Operation during the PUSH and POP Instructions ...................................................... 39 7-1 Address-modified Instruction Statements ............................................................................. 49 7-2 Zero Flag (Z) and Compare Flag (CMP) .................................................................................. 63 10-1 Peripheral Hardware .............................................................................................................. 81 11-1 List of ALU Instructions ......................................................................................................... 88 11-2 Results of Arithmetic Operations Performed in 4-Bit Binary and BCD .................................. 92 11-3 Types of Arithmetic Operations ............................................................................................. 94 11-4 Logical Operations ................................................................................................................. 97 11-5 Table of True Values for Logical Operations .......................................................................... 97 11-6 Bit Judgement Instructions ................................................................................................... 97 11-7 Comparison Judgement Instructions ..................................................................................... 99 12-1 Writing into and Reading from the Port Register (0.70H) ...................................................... 105 12-2 Writing into and Reading from the Port Register (0.71H) ...................................................... 106 12-3 Writing/reading to/from Port Register (0.72H) ( µPD17120, 17121) ....................................... 107 12-4 Writing into and Reading from the Port Register (0.72H) and Pin Function Selection ........... 108 12-5 Register File Contents and Pin Functions .............................................................................. 110 12-6 Contents Read from the Port Register (0.73H) ...................................................................... 110 12-7 Writing into and Reading from the Port Registers (0.6FH.0, 0.6FH.1) ................................... 111 13-1 Timer Resolution and Maximum Setting Time ...................................................................... 130 13-2 List of Serial Clock ................................................................................................................. 135 13-3 Serial Interface’s Operation Mode ......................................................................................... 137 14-1 Interrupt Source Types .......................................................................................................... 146 14-2 Interrupt Request Flag and Interrupt Enable Flag .................................................................. 147 15-1 States during Standby Mode ................................................................................................. 162 15-2 HALT Mode Cancellation Condition ....................................................................................... 163 15-3 Start Address After HALT Mode Cancellation ....................................................................... 163 15-4 STOP Mode Cancellation Condition ....................................................................................... 167 15-5 Start Address After STOP Mode Cancellation ....................................................................... 167 16-1 State of Each Hardware Unit When Reset ............................................................................ 171 17-1 Pins Used for Writing/Verifying Program Memory ................................................................ 179 17-2 Differences Between Mask ROM Version and One-Time PROM Version ............................ 180 17-3 Operating Mode Setting ........................................................................................................ 180 19-1 Mask Option Definition Pseudo Instructions ......................................................................... 252 |