| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17P133CS bảng dữ liệu(PDF) 44 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P133CS bảng dữ liệu(HTML) 44 Page - NEC |
|
44 / 289 page ![]() CHAPTER 4 PROGRAM MEMORY (ROM) 29 (2) Branch table Example 2 shows an example of code used to reference a branch table. Example 2. Code used for reading the values recorded in a branch table. The value specified by an OFFSET value is read. OFFSET MEM 0.00H ; Storing area for the offset address. ; BANK0 MOV RPH,#0 ; Sets the register pointer to row MOV RPL,#7 SHL 1 ; address 7. ROMREF: ; BANK0 ; Stores the start address of the constant data ; table in the address register (AR). MOV AR3, #.DL.TABLE SHR 12 AND 0FH MOV AR2, #.DL.TABLE SHR 8 AND 0FH MOV AR1, #.DL.TABLE SHR 4 AND 0FH MOV AR0, #.DL.TABLE AND 0FH ADD AR0, OFFSET ; Adds the offset address. ADDC AR1, #0 MOVT DBF, @AR ; Executes the table reference instruction. PUT AR, DBF BR @AR TABLE: DW 0001H DW 0002H DW 0004H DW 0008H DW 0010H DW 0020H DW 0040H DW 0080H DW 0100H DW 0200H END |