công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P133CS bảng dữ liệu(PDF) 69 Page - NEC

tên linh kiện UPD17P133CS
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS bảng dữ liệu(HTML) 69 Page - NEC

Back Button UPD17P133CS Datasheet HTML 65Page - NEC UPD17P133CS Datasheet HTML 66Page - NEC UPD17P133CS Datasheet HTML 67Page - NEC UPD17P133CS Datasheet HTML 68Page - NEC UPD17P133CS Datasheet HTML 69Page - NEC UPD17P133CS Datasheet HTML 70Page - NEC UPD17P133CS Datasheet HTML 71Page - NEC UPD17P133CS Datasheet HTML 72Page - NEC UPD17P133CS Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
54
7.5.5 MPE=0 and IXE=1 (Index Modification)
As shown in Figure 7-8, when a data memory manipulation instruction is executed, any bank or address in data
memory specified by m can be modified using the index register.
When indirect data transfer using the general register (MOV @r, m or MOV m, @r) is executed, the indirect transfer
bank and address specified by @r can be modified using the index register.
Address modification is done by performing an OR operation on the data memory address and the index register.
The data memory manipulation instruction being executed manipulates data in the memory location pointed to by
the result of the operation (called the real address).
Examples are shown below.
Example 1. When the general register is in row address 0
R003
MEM
0.03H
M061
MEM
0.61H
MOV
IXL, #0010B
; IX
← 00000010010B
MOV
IXM, #0001B
;
MOV
IXH, #0000B
; MPE
← 0
OR
PSW, #.DF.IXE AND 0FH
; IXE
← 1
ADD
R003, M061
As shown in Figure 7-11, when the instructions of Example 1 are executed, the value in data
memory address 73H (real address) and the value in general register address R003 (address
location 03H) are added together and the result is stored in general register address R003.
When the ADD r, m instruction is executed, the data memory address specified by m (address
61H in above example) is index modified.
Modification is done by performing an OR operation on data memory location M061 (address
61H, binary 00001100001B) and the index register (00000010010B in the above example).
The result of the operation (00001110011B) is used as a real address (address location 73H)
by the instruction being executed.
As compared to when IXE=0 (Examples in 7.5.3), in this example the data memory address
being directly specified by m is modified by performing an OR operation on m and the index
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com