công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P133CS bảng dữ liệu(PDF) 38 Page - NEC

tên linh kiện UPD17P133CS
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS bảng dữ liệu(HTML) 38 Page - NEC

Back Button UPD17P133CS Datasheet HTML 34Page - NEC UPD17P133CS Datasheet HTML 35Page - NEC UPD17P133CS Datasheet HTML 36Page - NEC UPD17P133CS Datasheet HTML 37Page - NEC UPD17P133CS Datasheet HTML 38Page - NEC UPD17P133CS Datasheet HTML 39Page - NEC UPD17P133CS Datasheet HTML 40Page - NEC UPD17P133CS Datasheet HTML 41Page - NEC UPD17P133CS Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 289 page
background image
CHAPTER 4 PROGRAM MEMORY (ROM)
The program configuration of the
µPD17120 subseries is as follows.
Product Name
Program Memory Capacity
Program Memory Address
µPD17120
µPD17121
µPD17132
µPD17133
µPD17P132
µPD17P133
Program memory stores the program, and the constant data table. The top of the program memory is allocated
to the reset start address and the interrupted vector address. The program memory address is specified by the
program counter.
4.1 PROGRAM MEMORY CONFIGURATION
Figure 4-1 shows the program memory map. Branch instructions, subroutine calls, and table references can
specify any address in program memory (0000H - 07FFH).
Figure 4-1. Program Memory Map for the
µPD17120 Subseries
1.5K bytes (768
× 16 bits)
0000H-02FFH
2K bytes (1024
× 16 bits)
0000H-03FFH
Reset start address
Serial interface interrupt vector
Timer interrupt vector
External (INT) interrupt vector
( PD17120/17121)
( PD17132/17133/17P132/17P133)
µ
µ
16 bits
0000H
0001H
0002H
0003H
Address
02FFH
03FFH
Subroutine entry
address for the CALL
addr instruction
Branch address for
the BR addr instruction
Branch address for
the BR @AR instruction
Subroutine entry
address for the CALL
@AR instruction
Table reference address
for the MOVT DBF,
@AR instruction
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com