công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P133CS bảng dữ liệu(PDF) 77 Page - NEC

tên linh kiện UPD17P133CS
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS bảng dữ liệu(HTML) 77 Page - NEC

Back Button UPD17P133CS Datasheet HTML 73Page - NEC UPD17P133CS Datasheet HTML 74Page - NEC UPD17P133CS Datasheet HTML 75Page - NEC UPD17P133CS Datasheet HTML 76Page - NEC UPD17P133CS Datasheet HTML 77Page - NEC UPD17P133CS Datasheet HTML 78Page - NEC UPD17P133CS Datasheet HTML 79Page - NEC UPD17P133CS Datasheet HTML 80Page - NEC UPD17P133CS Datasheet HTML 81Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
62
7.7.2 Functions of the Program Status Word
The flags of the program status word are used for setting conditions for arithmetic/logical operations and data
transfer instructions and for reflecting the status of operation results. Figure 7-17 shows an outline of the functions
of the program status word.
Figure 7-17. Outline of Functions of the Program Status Word
7FH
b0
7EH
PSW
RPL
Address
Symbol
Flag
b1
b2
b3
b0
b1
b2
b3
I
X
E
Z
C
Y
C
M
P
B
C
D
Used to specify that index modification be performed on the data
memory address used when a data memory manipulation instruction is
executed.
0: Index modification disabled.
1: Index modification enabled.
Set when the result of an arithmetic operation is 0.
0: Indicates that the result of the arithmetic operation is a value other
than 0.
1: Indicates that the result of the arithmetic operation is 0.
Set when there is a carry in the result of an addition operation or a
borrow in the result of a subtraction operation.
0: Indicates there was no carry or borrow.
1: Indicates there was a carry or borrow.
Used to specify that the result of an arithmetic operation not be stored
in data memory or the general register but just be reflected in the CY
and Z flags.
0: Results of arithmetic operations are stored.
1: Results of arithmetic operations are not stored.
Used to specify how arithmetic operations are performed.
0: Arithmetic operations are performed in 4-bit binary.
1: Arithmetic operations are performed in BCD.
Flag
Function of PSWORD
IXE
Z
CY
CMP
BCD
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More