công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P133CS bảng dữ liệu(PDF) 74 Page - NEC

tên linh kiện UPD17P133CS
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS bảng dữ liệu(HTML) 74 Page - NEC

Back Button UPD17P133CS Datasheet HTML 70Page - NEC UPD17P133CS Datasheet HTML 71Page - NEC UPD17P133CS Datasheet HTML 72Page - NEC UPD17P133CS Datasheet HTML 73Page - NEC UPD17P133CS Datasheet HTML 74Page - NEC UPD17P133CS Datasheet HTML 75Page - NEC UPD17P133CS Datasheet HTML 76Page - NEC UPD17P133CS Datasheet HTML 77Page - NEC UPD17P133CS Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
59
7.6 GENERAL REGISTER POINTER (RP)
7.6.1 General Register Pointer Configuration
Figure 7-14 shows the configuration of the general register pointer.
Figure 7-14. General Register Pointer Configuration
As shows in Figure 7-14, the general register pointer consists of seven bits; four bits in system register address
7DH (RPH) and the three high-order bits of system register address 7EH (RPL). However, because the four bits of
address 7DH are always set to 0, the register effectively consists of the three high-order bits of address 7EH.
All register bits are cleared to 0 at reset.
7DH
Address
Name
Bit
Symbol
Data
Initial value when reset
b3
b2
b1
b0
0000
0
(RP)
RPH
7EH
General register
pointer (RP)
b3
b2
b1
b0
B
C
D
0
RPL
Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More