| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17P133CS bảng dữ liệu(PDF) 10 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P133CS bảng dữ liệu(HTML) 10 Page - NEC |
|
10 / 289 page ![]() – v – CHAPTER 14 INTERRUPT FUNCTIONS ........................................................................................ 145 14.1 INTERRUPT SOURCES AND VECTOR ADDRESS......................................................... 146 14.2 HARDWARE COMPONENTS OF THE INTERRUPT CONTROL CIRCUIT .................... 147 14.2.1 Interrupt Request Flag (IRQ ×××) and the Interrupt Enable Flag (IP×××)........................... 147 14.2.2 EI/DI Instruction ................................................................................................................... 147 14.3 INTERRUPT SEQUENCE .................................................................................................. 152 14.3.1 Acceptance of Interrupts .................................................................................................... 152 14.3.2 Return from the Interrupt Routine ..................................................................................... 154 14.3.3 Interrupt Acceptance Timing ............................................................................................... 155 14.4 PROGRAM EXAMPLE OF INTERRUPT ........................................................................... 158 CHAPTER 15 STANDBY FUNCTIONS ........................................................................................... 161 15.1 OUTLINE OF STANDBY FUNCTION ............................................................................... 161 15.2 HALT MODE ...................................................................................................................... 163 15.2.1 HALT Mode Setting ............................................................................................................. 163 15.2.2 Start Address after HALT Mode is Canceled ..................................................................... 163 15.2.3 HALT Setting Condition ....................................................................................................... 165 15.3 STOP MODE ...................................................................................................................... 167 15.3.1 STOP Mode Setting ............................................................................................................ 167 15.3.2 Start Address after STOP Mode Cancellation .................................................................... 167 15.3.3 STOP Setting Condition ...................................................................................................... 169 CHAPTER 16 RESET ........................................................................................................................ 171 16.1 RESET FUNCTIONS .......................................................................................................... 171 16.2 RESETTING ........................................................................................................................ 172 16.3 POWER-ON/POWER-DOWN RESET FUNCTION .......................................................... 173 16.3.1 Conditions Required to Enable the Power-On Reset Function ......................................... 173 16.3.2 Description and Operation of the Power-On Reset Function ........................................... 174 16.3.3 Condition Required for Use of the Power-Down Reset Function .................................... 176 16.3.4 Description and Operation of the Power-Down Reset Function ...................................... 176 CHAPTER 17 ONE-TIME PROM WRITING/VERIFYING ............................................................... 179 17.1 DIFFERENCES BETWEEN MASK ROM VERSION AND ONE-TIME PROM VERSION ............................................................................................ 179 17.2 OPERATING MODE IN PROGRAM MEMORY WRITING/VERIFYING......................... 180 17.3 WRITING PROCEDURE OF PROGRAM MEMORY ........................................................ 181 17.4 READING PROCEDURE OF PROGRAM MEMORY ........................................................ 182 CHAPTER 18 INSTRUCTION SET .................................................................................................. 185 18.1 OVERVIEW OF THE INSTRUCTION SET ....................................................................... 185 18.2 LEGEND ............................................................................................................................. 186 18.3 LIST OF THE INSTRUCTION SET ................................................................................... 187 18.4 ASSEMBLER (AS17K) MACRO INSTRUCTIONS .......................................................... 188 |