| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17P133CS bảng dữ liệu(PDF) 47 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P133CS bảng dữ liệu(HTML) 47 Page - NEC |
|
47 / 289 page ![]() CHAPTER 5 DATA MEMORY (RAM) 32 5.1.1 System Register (SYSREG) The system register (SYSREG) consists of the 12 nibbles allocated at addresses 74H to 7FH in data memory. The system register (SYSREG) is allocated independently of the banks. This means that each bank has the same system register at addresses 74H to 7FH. Figure 5-2 shows the configuration of the system register. Figure 5-2. System Register Configuration System Register (SYSREG) Address 74H 75H 76H 77H 78H 79H 7AH 7BH 7CH 7DH 7EH 7FH Index register (IX) Data memory row address pointer (MP) Name (Symbol) Address register (AR) Window register (WR) Bank register (BANK) General register pointer (RP) Program status word (PSWORD) 5.1.2 Data Buffer (DBF) The data buffer consists of four nibbles allocated at addresses 0CH to 0FH in BANK0 of data memory. Figure 5-3 shows the configuration of the data buffer. Figure 5-3. Data Buffer Configuration Data Buffer (DBF) Address 0CH 0DH 0EH 0FH Symbol DBF3 DBF2 DBF1 DBF0 5.1.3 General Register (GR) The general register consists of 16 nibbles specified by an arbitrary row address in a bank in data memory. This arbitrary row address in a bank is pointed to by the register pointer (RP) in the system register (SYSREG). In the case of the µPD17120 and 17121, addresses 40H to 6EH are non-mounted areas. These areas should not be specified as a general register. Figure 5-4 shows the configuration of the general register (GR). |