công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P133CS bảng dữ liệu(PDF) 95 Page - NEC

tên linh kiện UPD17P133CS
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS bảng dữ liệu(HTML) 95 Page - NEC

Back Button UPD17P133CS Datasheet HTML 91Page - NEC UPD17P133CS Datasheet HTML 92Page - NEC UPD17P133CS Datasheet HTML 93Page - NEC UPD17P133CS Datasheet HTML 94Page - NEC UPD17P133CS Datasheet HTML 95Page - NEC UPD17P133CS Datasheet HTML 96Page - NEC UPD17P133CS Datasheet HTML 97Page - NEC UPD17P133CS Datasheet HTML 98Page - NEC UPD17P133CS Datasheet HTML 99Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 289 page
background image
CHAPTER 10
DATA BUFFER (DBF)
80
Figure 10-2. Data Buffer Configuration
Address
Bit
Data
b3
b2
b1
b0
DBF3
Symbol
Bit
b15 b14 b13 b12
b3
b2
b1
b0
DBF2
b11 b10
b9
b8
b3
b2
b1
b0
DBF1
b7
b6
b5
b4
b3
b2
b1
b0
DBF0
b3
b2
b1
b0
0CH
0DH
0EH
0FH
M
S
B
L
S
B
Data memory
BANK0
Data buffer
Data
Because the data buffer is allocated in data memory, it can be used in any of the data memory manipulation
instructions.
10.2 FUNCTIONS OF THE DATA BUFFER
The data buffer has two separate functions.
The data buffer is used for data transfer with peripheral hardware. The data buffer is also used for reading constant
data in program memory. Figure 10-3 shows the relationship between the data buffer and peripheral hardware.
Figure 10-3. Relationship Between the Data Buffer and Peripheral Hardware
01H
Shift register (SIOSFR)
Peripheral hardware
02H
03H
Timer modulo register
(TMM)
40H
Address register (AR)
Data buffer
(DBF)
Constant data
Program memory (ROM)
Internal bus
Peripheral
address
Timer count register
(TMC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More