công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P133CS bảng dữ liệu(PDF) 101 Page - NEC

tên linh kiện UPD17P133CS
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS bảng dữ liệu(HTML) 101 Page - NEC

Back Button UPD17P133CS Datasheet HTML 97Page - NEC UPD17P133CS Datasheet HTML 98Page - NEC UPD17P133CS Datasheet HTML 99Page - NEC UPD17P133CS Datasheet HTML 100Page - NEC UPD17P133CS Datasheet HTML 101Page - NEC UPD17P133CS Datasheet HTML 102Page - NEC UPD17P133CS Datasheet HTML 103Page - NEC UPD17P133CS Datasheet HTML 104Page - NEC UPD17P133CS Datasheet HTML 105Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 289 page
background image
CHAPTER 11
ARITHMETIC AND LOGIC UNIT
86
Figure 11-1. Configuration of the ALU
Data bus
Temporary
register A
Temporary
register B
Status
flip-flop
ALU
• Arithmetic operations
• Logical operations
• Bit evaluations
•Comparison
evaluations
•Rotations
Decimal con-
version circuit
7EH
7FH
Program status word
(PSWORD)
b0
BCD
b3
CMP
b2
CY
b1
Z
b0
IXE
Status flip-flop
CMP
flag
FF
CY
flag
FF
Z
flag
FF
BCD
flag
FF
Function outline
Indicates when the result of an arithmetic
operation is 0.
Stores the borrow or carry from an arithmetic
operation.
Used to indicate whether to store the result
of an arithmetic operation.
Used to indicate whether to perform
decimal correction for arithmetic operations.
Address
Name
Bit
Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More