| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56857 bảng dữ liệu(PDF) 224 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 bảng dữ liệu(HTML) 224 Page - Freescale Semiconductor, Inc |
|
224 / 662 page ![]() Module Memory Maps 5685X Digital Signal Controller User Manual, Rev. 4 9-6 Freescale Semiconductor Table 9-7. DMA 3 Register Address Map (DMA3_BASE = $1FFED8) Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 DMA_3_TC Transfer Control Read/Write Section 9.6.1 Base + $1 DMA_3_CQS Circular Queue Size Read/Write Section 9.6.2 Base + $2 DMA_3_TC Transfer Count Read/Write Section 9.6.3 Base + $3 DMA_3_DAL Destination Address-Low Read/Write Section 9.6.4 Base + $4 DMA_3_DAH Destination Address-High Read/Write Section 9.6.5 Base + $5 DMA_3_SAL Source Address-Low Read/Write Section 9.6.6 Base + $6 DMA_3_SAH Source Address-High Read/Write Section 9.6.7 Table 9-8. DMA 4 Register Address Map (DMA4_BASE = $1FFEE0) Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 DMA_4_TC Transfer Control Read/Write Section 9.6.1 Base + $1 DMA_4_CQS Circular Queue Size Read/Write Section 9.6.2 Base + $2 DMA_4_TC Transfer Count Read/Write Section 9.6.3 Base + $3 DMA_4_DAL Destination Address-Low Read/Write Section 9.6.4 Base + $4 DMA_4_DAH Destination Address-High Read/Write Section 9.6.5 Base + $5 DMA_4_SAL Source Address-Low Read/Write Section 9.6.6 Base + $6 DMA_4_SAH Source Address-High Read/Write Section 9.6.7 Table 9-9. DMA 5 Register Address Map (DMA5_BASE = $1FFEE8) Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 DMA_5_TC Transfer Control Read/Write Section 9.6.1 Base + $1 DMA_5_CQS Circular Queue Size Read/Write Section 9.6.2 Base + $2 DMA_5_TC Transfer Count Read/Write Section 9.6.3 Base + $3 DMA_5_DAL Destination Address-Low Read/Write Section 9.6.4 Base + $4 DMA_5_DAH Destination Address-High Read/Write Section 9.6.5 Base + $5 DMA_5_SAL Source Address-Low Read/Write Section 9.6.6 Base + $6 DMA_5_SAH Source Address-High Read/Write Section 9.6.7 |