| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56857 bảng dữ liệu(PDF) 210 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 bảng dữ liệu(HTML) 210 Page - Freescale Semiconductor, Inc |
|
210 / 662 page ![]() Register Descriptions (ITCN_BASE = $1FFF20) 5685X Digital Signal Controller User Manual, Rev. 4 8-32 Freescale Semiconductor 8.7.17 Interrupt Vector Map Table 8-3 provides the list of interrupt vectors on the 56853 through 858 devices. As noted in the table, the total vector table size is 128 vectors or 256 words of memory. This table also provides the allowable priority range or fixed priority for each IRQ. Table 8-3. Interrupt Vector Table Contents Peripheral Vector Number Priority Level Vector Base Address + Interrupt Function Chip Exceptions Core 0 3 P:$00 Reserved Core 1 3 P:$02 Reserved Core 2 3 P:$04 Illegal Instruction — Core 3 3 P:$06 SW Interrupt 3 — Core 4 3 P:$08 HW Stack Overflow — Core 5 3 P:$0A Misaligned Long Word Access — Core 6 1-3 P:$0C EOnCE Step Counter — Core 7 1-3 P:$0E EOnCE Breakpoint Unit 0 — Core 8 1-3 P:$10 Reserved Core 9 1-3 P:$12 EOnCE Trace Buffer — Core 10 1-3 P:$14 EOnCE Transmit Register Empty — Core 11 1-3 P:$16 EOnCE Receive Register Full — Core 12 0-3 P:$18 Reserved Core 13 0-3 P:$1A Reserved Core 14 2 P:$1C SW Interrupt 2 — Core 15 1 P:$1E SW Interrupt 1 — Core 16 0 P:$20 SW Interrupt 0 — Core 17 0-2 P:$22 IRQA — Core 18 0-2 P:$24 IRQB — Core 19 0-2 P:$26 Reserved PLL 20 0-2 P:$28 PLL Loss Of Lock — — 21 0-2 P:$2A Reserved DMA 22 0-2 P:$2C DMA_DONE 0 — DMA 23 0-2 P:$2E DMA_DONE 1 — DMA 24 0-2 P:$30 DMA_DONE 2 — DMA 25 0-2 P:$32 DMA_DONE 3 — DMA 26 0-2 P:$34 DMA_DONE 4 — DMA 27 0-2 P:$36 DMA_DONE 5 — ESSI 0 28 0-2 P:$38 ESSI 0 Receive Data with Exception Status — ESSI 0 29 0-2 P:$3A ESSI 0 Receive Data — ESSI 0 30 0-2 P:$3C ESSI 0 Receive Last Slot — ESSI 0 31 0-2 P:$3E ESSI 0 Transmit Data with Exception Status — |