| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5484 bảng dữ liệu(PDF) 36 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5484 bảng dữ liệu(HTML) 36 Page - Cirrus Logic |
|
36 / 67 page ![]() CS5484 36 DS981F3 NO_OSC Disable crystal oscillator (making XIN a logic-level input). 0 = Crystal oscillator enabled (Default) 1 = Crystal oscillator disabled IZX_CH Select current channel for zero-cross detect. 0 = Selects current channel 1 for zero-cross detect (Default) 1 = Selects current channel 2 for zero-cross detect VZX_CH Selects voltage channel for zero-cross detect. 0 = Selects voltage channel 1 for zero-cross detect (Default) 1 = Selects voltage channel 2 for zero-cross detect 6.6.2 Configuration 1 (Config1) – Page 0, Address 1 Default = 0x00 EEEE EPG4_ON Enable EPG4 block. 0 = Disable energy pulse generation block 4 (Default) 1 = Enable energy pulse generation 4 EPG3_ON Enable EPG3 block. 0 = Disable energy pulse generation block 3 (Default) 1 = Enable energy pulse generation block 3 EPG2_ON Enable EPG2 block. 0 = Disable energy pulse generation block 2 (Default) 1 = Enable energy pulse generation block 2 EPG1_ON Enable EPG1 block. 0 = Disable energy pulse generation block 1 (Default) 1 = Enable energy pulse generation block 1 DO4_OD Allow the DO4 pin to be an open-drain output. 0 = Normal output (Default) 1 = Open-drain output DO3_OD Allow the DO3 pin to be an open-drain output. 0 = Normal output (Default) 1 = Open-drain output DO2_OD Allow the DO2 pin to be an open-drain output. 0 = Normal output (Default) 1 = Open-drain output DO1_OD Allow the DO1 pin to be an open-drain output. 0 = Normal output (Default) 1 = Open-drain output 23 22 21 20 19 18 17 16 EPG4_ON EPG3_ON EPG2_ON EPG1_ON DO4_OD DO3_OD DO2_OD DO1_OD 15 14 13 12 11 10 9 8 DO4MODE[3] DO4MODE[2] DO4MODE[1] DO4MODE[0] DO3MODE[3] DO3MODE[2] DO3MODE[1] DO3MODE[0] 7 654 32 10 DO2MODE[3] DO2MODE[2] DO2MODE[1] DO2MODE[0] DO1MODE[3] DO1MODE[2] DO1MODE[1] DO1MODE[0] |