| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5484 bảng dữ liệu(PDF) 52 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5484 bảng dữ liệu(HTML) 52 Page - Cirrus Logic |
|
52 / 67 page ![]() CS5484 52 DS981F3 6.6.36 Instantaneous Current 1 (I1) – Page 16, Address 2 Default = 0x00 0000 I1 contains instantaneous current measurements for current channel 1. This is a two's complement value in the range of -1.0 value1.0, with the binary point to the right of the MSB. 6.6.37 Instantaneous Voltage 1 (V1) – Page 16, Address 3 Default = 0x00 0000 V1 contains instantaneous voltage measurements for voltage channel 1. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.38 Instantaneous Active Power 1 (P1) – Page 16, Address 4 Default = 0x00 0000 P1 contains instantaneous power measurements for current and voltage channels 1. Values in registers I1 and V1 are multiplied to generate this value. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.39 Active Power 1 (P1AVG) – Page 16, Address 5 Default = 0x00 0000 Instantaneous power is averaged over each low-rate interval (SampleCount samples) and then added with power offset (POFF) to compute active power (PAVG). This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 |