| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5484 bảng dữ liệu(PDF) 32 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5484 bảng dữ liệu(HTML) 32 Page - Cirrus Logic |
|
32 / 67 page ![]() CS5484 32 DS981F3 53 11 0101 - Reserved - 54* 11 0110 TGAIN Temperature Gain Y Y 0x 06 B716 55* 11 0111 TOFF Temperature Offset Y Y 0x D5 3998 56* 11 1000 - Reserved - 57 11 1001 TSETTLE Filter Settling Time to Conv. Startup Y Y 0x 00 001E 58* 11 1010 LoadMIN No-Load Threshold Y Y 0x 00 0000 59* 11 1011 - Reserved - 60* 11 1100 SYSGAIN System Gain N Y 0x 50 0000 61 11 1101 Time System Time (in samples) N Y 0x 00 0000 62 11 1110 - Reserved - 63 11 1111 - Reserved - Notes: (1) Warning: Do not write to unpublished or reserved register locations. (2) * Registers with checksum protection. ** When setting the AVG_MODE bit (AVG_MODE = ‘1’) in the Config2 register, the device will use the Line-cycle Synchronized Averaging mode and the CycleCount register will be includ- ed in the checksum. Otherwise the SampleCount register will be included. (3) Registers that can be set to write protect from DSP and/or HOST. |