| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5484 bảng dữ liệu(PDF) 42 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5484 bảng dữ liệu(HTML) 42 Page - Cirrus Logic |
|
42 / 67 page ![]() CS5484 42 DS981F3 6.6.8 Pulse Output Control (PulseCtrl) – Page 0, Address 9 Default = 0x00 0000 This register controls the input to the energy pulse generation block (EPGx). [23:16] Reserved. EPGxIN[3:0] Selects the input to the energy pulse generation block (EPGx). 0000 = P1AVG (Default) 0001 = P2AVG 0010 = PSUM 0011 = Q1AVG 0100 = Q2AVG 0101 = QSUM 0110 = S1 0111 = S2 1000 = SSUM 1001 = Unused ... 1111 = Unused 6.6.9 Register Lock Control (RegLock) – Page 0, Address 34 Default = 0x00 0000 [23:13] Reserved. DSP_LCK[4:0] DSP_LCK[4:0] = 0x16 sets the DSP lockable registers to be write protected from the CS5484 internal calculation engine. Writing 0x09 unlocks the registers. [7:5] Reserved. HOST_LCK[4:0] HOST_LCK[4:0] = 0x16 sets all the registers except RegLock, Status0, Status1, and Status2 to be write protected from the serial interface. Writing 0x09 unlocks the regis- ters. 23 22 21 20 19 18 17 16 -- -- -- -- 15 14 13 12 11 10 9 8 EPG4IN[3] EPG4IN[2] EPG4IN[1] EPG4IN[0] EPG3IN[3] EPG3IN[2] EPG3IN[1] EPG3IN[0] 7 654 32 10 EPG2IN[3] EPG2IN[2] EPG2IN[1] EPG2IN[0] EPG1IN[3] EPG1IN[2] EPG1IN[1] EPG1IN[0] 23 22 21 20 19 18 17 16 -- -- -- -- 15 14 13 12 11 10 9 8 - - - DSP_LCK[4] DSP_LCK[3] DSP_LCK[2] DSP_LCK[1] DSP_LCK[0] 7 654 32 10 - - - HOST_LCK[4] HOST_LCK[3] HOST_LCK[2] HOST_LCK[1] HOST_LCK[0] |