| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5484 bảng dữ liệu(PDF) 53 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5484 bảng dữ liệu(HTML) 53 Page - Cirrus Logic |
|
53 / 67 page ![]() CS5484 DS981F3 53 6.6.40 RMS Current 1 (I1RMS ) – Page 16, Address 6 Default = 0x00 0000 I1RMS contains the root mean square (RMS) values of I1, calculated during each low-rate interval. This is an unsigned value in the range of 0 value 1.0, with the binary point to the left of the MSB. 6.6.41 RMS Voltage 1 (V1RMS ) – Page 16, Address 7 Default = 0x00 0000 V1RMS contains the root mean square (RMS) value of V1, calculated during each low-rate interval. This is an unsigned value in the range of 0 value 1.0, with the binary point to the left of the MSB. 6.6.42 Instantaneous Current 2 (I2) – Page 16, Address 8 Default = 0x00 0000 I2 contains instantaneous current measurements for current channel 2. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.43 Instantaneous Voltage 2 (V2) – Page 16, Address 9 Default = 0x00 0000 V2 contains instantaneous voltage measurements for voltage channel 2. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. MSB LSB 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 ..... 2-18 2-19 2-20 2-21 2-22 2-23 2-24 MSB LSB 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 ..... 2-18 2-19 2-20 2-21 2-22 2-23 2-24 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 |