công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE5012B bảng dữ liệu(PDF) 11 Page - Infineon Technologies AG

tên linh kiện TLE5012B
Giải thích chi tiết về linh kiện  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B bảng dữ liệu(HTML) 11 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 7Page - Infineon Technologies AG TLE5012B Datasheet HTML 8Page - Infineon Technologies AG TLE5012B Datasheet HTML 9Page - Infineon Technologies AG TLE5012B Datasheet HTML 10Page - Infineon Technologies AG TLE5012B Datasheet HTML 11Page - Infineon Technologies AG TLE5012B Datasheet HTML 12Page - Infineon Technologies AG TLE5012B Datasheet HTML 13Page - Infineon Technologies AG TLE5012B Datasheet HTML 14Page - Infineon Technologies AG TLE5012B Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
TLE5012B
Functional Description
Data Sheet
11
Rev. 2.0, 2014-02
SSC interface to use an external clock signal supplied on the IFC pin as source for the PLL, instead of the internal
clock. External clock mode is only available in PWM or SPC interface configuration.
2.2.3
SD-ADC
The Sigma-Delta Analog-Digital-Converters (SD-ADC) transform the analog GMR voltages and temperature
voltage into the digital domain.
2.2.4
Digital Signal Processing Unit
The Digital Signal Processing Unit (DSPU) contains the:
•
Intelligent State Machine (ISM), which does error compensation of offset, offset temperature drift, amplitude
synchronicity and orthogonality of the raw signals from the GMR bridges, and performs additional features
such as auto-calibration, prediction and angle speed calculation
•
COordinate Rotation DIgital Computer (CORDIC), which contains the trigonometric function for angle
calculation
•
Capture Compare Unit (CCU), which is used to generate the PWM and SPC signals
•
Random Access Memory (RAM), which contains the configuration registers
•
Laser Fuses, which contain the calibration parameters for the error-compensation and the IC default
configuration, which is loaded into the RAM at startup
2.2.5
Interfaces
Bi-directional communication with the TLE5012B is enabled by a three-wire SSC interface. In parallel to the SSC
interface, one secondary interface can be selected, which is available on the IFA, IFB, IFC pins:
•PWM
•
Incremental Interface
•
Hall Switch Mode
•
Short PWM Code
By using pre-configured derivates (see Chapter 5), the TLE5012B can also be operated with the secondary
interface only, without SSC communication.
2.2.6
Safety Features
The TLE5012B offers a multiplicity of safety features to support the Safety Integrity Level (SIL) and it is a PRO-
SILTM product.
Safety features are:
•
Test vectors switchable to ADC input (activated via SSC interface)
•
Inversion or combination of filter input streams (activated via SSC interface)
•
Data transmission check via 8-bit Cyclic Redundancy Check (CRC) for SSC communcation and 4-bit CRC
nibble for SPC interface
•
Built-in Self-test (BIST) routines for ISM, CORDIC, CCU, ADCs run at startup
•
Two independent active interfaces possible
•
Overvoltage and undervoltage detection
Disclaimer
PRO-SIL™ is a Registered Trademark of Infineon Technologies AG.
The PRO-SIL™ Trademark designates Infineon products which contain SIL Supporting Features.
SIL Supporting Features are intended to support the overall System Design to reach the desired SIL (according
to IEC61508) or A-SIL (according to ISO26262) level for the Safety System with high efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com