công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE5012B bảng dữ liệu(PDF) 33 Page - Infineon Technologies AG

tên linh kiện TLE5012B
Giải thích chi tiết về linh kiện  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B bảng dữ liệu(HTML) 33 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 29Page - Infineon Technologies AG TLE5012B Datasheet HTML 30Page - Infineon Technologies AG TLE5012B Datasheet HTML 31Page - Infineon Technologies AG TLE5012B Datasheet HTML 32Page - Infineon Technologies AG TLE5012B Datasheet HTML 33Page - Infineon Technologies AG TLE5012B Datasheet HTML 34Page - Infineon Technologies AG TLE5012B Datasheet HTML 35Page - Infineon Technologies AG TLE5012B Datasheet HTML 36Page - Infineon Technologies AG TLE5012B Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
TLE5012B
Specification
Data Sheet
33
Rev. 2.0, 2014-02
Data communication via SSC
Figure 4-10 SSC bit ordering (read example)
Figure 4-11 Update of update registers
The data communication via SSC interface has the following characteristics:
•
The data transmission order is Most-Significant Bit (MSB) first, Last-Significant Bit (LSB) last.
•
Data is put on the data line with the rising edge on SCK and read with the falling edge on SCK.
•
The SSC Interface is word-aligned. All functions are activated after each transmitted word.
•
After every data transfer with ND ≥ 1, the 16-bit Safety Word is appended by the TLE5012B.
•
A “high” condition on the Chip Select pin (CSQ) of the selected TLE5012B interrupts the transfer immediately.
The CRC calculator is automatically reset.
•
After changing the data direction, a delay twr_delay (see Table 4-14) has to be implemented before continuing
the data transfer. This is necessary for internal register access.
•
If in the Command Word the number of data is greater than 1 (ND > 1), then a corresponding number of
consecutive registers is read, starting at the address given by ADDR.
•
In case an overflow occurs at address 3FH, the transfer continues at address 00H.
•
If in the Command Word the number of data is zero (ND = 0), the register at the address given by ADDR is
read, but no Safety Word is sent by the TLE5012B. This allows a fast readout of one register.
•
At a rising edge of CSQ without a preceding data transfer (no SCK pulse, see Figure 4-11), the content of all
registers which have an update buffer is saved into the buffer. This procedure serves to take a snapshot of all
relevant sensor parameters at a given time. The content of the update buffer can then be read by sending a
read command for the desired register and setting the UPD bit of the Command Word to “1”.
•
After sending the Safety Word, the transfer ends. To start another data transfer, the CSQ has to be deselected
once for at least tCSoff.
•
By default, the SSC interface is set to push-pull. The push-pull driver is active only if the TLE5012B has to send
data, otherwise the DATA pin is set to high-impedance.
SCK
DATA
8
11
10
9
MSB
14
13
12
CSQ
SSC Transfer
LSB
321
7
6
5
4
Command Word
Data Word (s)
SSC -Master is driving DAT A
SSC -Slave is driving DAT A
LSB
1
RW
ADDR
LENGTH
LOCK
MSB
twr_delay
UPD
SCK
DATA
CSQ
LSB
LSB
MSB
Command Word
Data Word (s)
Update -Signal
Update -Event
SSC -Master is driving DAT A
SSC -Slave is driving DAT A
tCSupdate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com