công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE5012B bảng dữ liệu(PDF) 31 Page - Infineon Technologies AG

tên linh kiện TLE5012B
Giải thích chi tiết về linh kiện  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B bảng dữ liệu(HTML) 31 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 27Page - Infineon Technologies AG TLE5012B Datasheet HTML 28Page - Infineon Technologies AG TLE5012B Datasheet HTML 29Page - Infineon Technologies AG TLE5012B Datasheet HTML 30Page - Infineon Technologies AG TLE5012B Datasheet HTML 31Page - Infineon Technologies AG TLE5012B Datasheet HTML 32Page - Infineon Technologies AG TLE5012B Datasheet HTML 33Page - Infineon Technologies AG TLE5012B Datasheet HTML 34Page - Infineon Technologies AG TLE5012B Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
TLE5012B
Specification
Data Sheet
31
Rev. 2.0, 2014-02
4.4.1.2
SSC Data Transfer
The SSC data transfer is word-aligned. The following transfer words are possible:
•
Command Word (to access and change operating modes of the TLE5012B)
•
Data words (any data transferred in any direction)
•
Safety Word (confirms the data transfer and provides status information)
Figure 4-8 SSC data transfer (data-read example)
Figure 4-9 SSC data transfer (data-write example)
Command Word
SSC Communication between the TLE5012B and a microcontroller is generally initiated by a command word. The
structure of the command word is shown in Table 4-15. If an update is triggered by shortly pulling low CSQ without
a clock on SCK a snapshot of all system values is stored in the update registers simultaneously. A read command
with the UPD bit set then allows to readout this consistent set of values instead of the current values. Bits with an
update buffer are marked by an “u” in the Type column in register descriptions. The initialization of such an update
is described on page 33.
Table 4-15 Structure of the Command Word
Name
Bits
Description
RW
[15]
Read - Write
0: Write
1: Read
Lock
[14..11]
4-bit Lock Value
0000B: Default operating access for addresses 0x00:0x04
1010B: Configuration access for addresses 0x05:0x11
COMMAND
READ Data 1
READ Data 2
SAFETY-WORD
SSC-Master is driving DATA
SSC-Slave is driving DATA
twr_delay
COMMAND
WRITE Data 1
SAFETY-WORD
SSC-Master is driving DATA
SSC-Slave is driving DATA
twr_delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com