công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE5012B bảng dữ liệu(PDF) 29 Page - Infineon Technologies AG

tên linh kiện TLE5012B
Giải thích chi tiết về linh kiện  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B bảng dữ liệu(HTML) 29 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 25Page - Infineon Technologies AG TLE5012B Datasheet HTML 26Page - Infineon Technologies AG TLE5012B Datasheet HTML 27Page - Infineon Technologies AG TLE5012B Datasheet HTML 28Page - Infineon Technologies AG TLE5012B Datasheet HTML 29Page - Infineon Technologies AG TLE5012B Datasheet HTML 30Page - Infineon Technologies AG TLE5012B Datasheet HTML 31Page - Infineon Technologies AG TLE5012B Datasheet HTML 32Page - Infineon Technologies AG TLE5012B Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
TLE5012B
Specification
Data Sheet
29
Rev. 2.0, 2014-02
4.4
Interfaces
4.4.1
Synchronous Serial Communication (SSC)
The 3-pin SSC interface consists of a bi-directional push-pull (tri-state on receive) or open-drain data pin
(configurable with SSC_OD bit) and the serial clock and chip-select input pins. The SSC Interface is designed to
communicate with a microcontroller peer-to-peer for fast applications.
4.4.1.1
SSC Timing Definition
Figure 4-7 SSC timing
SSC Inactive Time (CSoff)
The SSC inactive time defines the delay time after a transfer before the TLE5012B can be selected again.
Table 4-13 SSC push-pull timing specification
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
SSC baud rate
fSSC
8.0
Mbit/s 1)
1) Not subject to production test - verified by design/characterization
CSQ setup time
tCSs
105
ns
1)
CSQ hold time
tCSh
105
ns
1)
CSQ off
tCSoff
600
ns
SSC inactive time1)
SCK period
tSCKp
120
125
ns
1)
SCK high
tSCKh
40
ns
1)
SCK low
tSCKl
30
ns
1)
DATA setup time
tDATAs
25
ns
1)
DATA hold time
tDATAh
40
ns
1)
Write read delay
twr_delay
130
ns
1)
Update time
tCSupdate
1
μsSee Figure 4-111)
SCK off
tSCKoff
170
ns
1)
SCK
tCSs
tSCKp
tSCKh
tCSh
CSQ
tSCKl
tCSoff
tDATAs
DATA
tDATAh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com