công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE5012B bảng dữ liệu(PDF) 32 Page - Infineon Technologies AG

tên linh kiện TLE5012B
Giải thích chi tiết về linh kiện  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B bảng dữ liệu(HTML) 32 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 28Page - Infineon Technologies AG TLE5012B Datasheet HTML 29Page - Infineon Technologies AG TLE5012B Datasheet HTML 30Page - Infineon Technologies AG TLE5012B Datasheet HTML 31Page - Infineon Technologies AG TLE5012B Datasheet HTML 32Page - Infineon Technologies AG TLE5012B Datasheet HTML 33Page - Infineon Technologies AG TLE5012B Datasheet HTML 34Page - Infineon Technologies AG TLE5012B Datasheet HTML 35Page - Infineon Technologies AG TLE5012B Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
TLE5012B
Specification
Data Sheet
32
Rev. 2.0, 2014-02
Safety Word
The safety word consists of the following bits:
Bit Types
The types of bits used in the registers are listed here:
UPD
[10]
Update-Register Access
0: Access to current values
1: Access to values in update buffer
ADDR
[9..4]
6-bit Address
ND
[3..0]
4-bit Number of Data Words
Table 4-16 Structure of the Safety Word
Name
Bits
Description
STAT1)
1) When an error occurs, the corresponding status bit in the safety word remains “low” until the STAT register (address 00H)
is read via SSC interface.
Chip and Interface Status
[15]
Indication of chip reset or watchdog overflow (resets after readout) via SSC
0: Reset occurred
1: No reset
[14]
System error (e.g. overvoltage; undervoltage; VDD-, GND- off; ROM;...)
0: Error occurred (S_VR; S_DSPU; S_OV; S_XYOL: S_MAGOL; S_FUSE;
S_ROM; S_ADCT)
1: No error
[13]
Interface access error (access to wrong address; wrong lock)
0: Error occurred
1: No error
[12]
Valid angle value (NO_GMR_A = 0; NO_GMR_XY = 0)
0: Angle value invalid
1: Angle value valid
RESP
[11..8]
Sensor number response indicator
The sensor number bit is pulled low and the other bits are high
CRC
[7..0]
Cyclic Redundancy Check (CRC)
Table 4-17 Bit Types
Abbreviation
Function
Description
r
Read
Read-only registers
w
Write
Read and write registers
u
Update
Update buffer for this bit is present. If an update is issued and the Update-
Register Access bit (UPD in Command Word) is set, the immediate values
are stored in this update buffer simultaneously. This allows a snapshot of all
necessary system parameters at the same time.
Table 4-15 Structure of the Command Word (cont’d)
Name
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com