công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE5012B bảng dữ liệu(PDF) 37 Page - Infineon Technologies AG

tên linh kiện TLE5012B
Giải thích chi tiết về linh kiện  Giant Magneto Resistance (GMR)-based principle
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B bảng dữ liệu(HTML) 37 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 33Page - Infineon Technologies AG TLE5012B Datasheet HTML 34Page - Infineon Technologies AG TLE5012B Datasheet HTML 35Page - Infineon Technologies AG TLE5012B Datasheet HTML 36Page - Infineon Technologies AG TLE5012B Datasheet HTML 37Page - Infineon Technologies AG TLE5012B Datasheet HTML 38Page - Infineon Technologies AG TLE5012B Datasheet HTML 39Page - Infineon Technologies AG TLE5012B Datasheet HTML 40Page - Infineon Technologies AG TLE5012B Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
TLE5012B
Specification
Data Sheet
37
Rev. 2.0, 2014-02
In parallel to SPC, the SSC interface can be used for individual configuration. The number of transmitted SPC
nibbles can be changed to customize the amount of information sent by the sensor. The frame contains a 16-bit
angle value and an 8-bit temperature value in the full configuration (Table 4-19).
Sensors with preset SPC are available as TLE5012B E9000
The status nibble, which is sent with each SPC data frame, provides an error indication similar to the Safety Word
of the SSC protocol. In case the sensor detects an error, the corresponding error bit in the Status register is set
and either the bit SYS_ERR or the bit ELEC_ERR of the status nibble will be “high”, depending on the kind of error
(see Table 4-20). Except for an S_ADCT error, an error is only indicated by the corresponding error bit in the
status nibble as long as it persists, but at least once. However the value in the status register will remain until a
read-out via the SSC interface or a chip reset is performed. An S_ADCT error on the other side will be transmitted
until the next chip reset. The fail-safe diagnostic function can be disabled via the MOD_4 register.
4.4.3.1
Unit Time Setup
The basic SPC protocol unit time granularity is defined as 3
μs. Every timing is a multiple of this basic time unit.To
achieve more flexibility, trimming of the unit time can be done within IFAB_HYST. This enables a setup of different
unit times.
Table 4-19 Frame configuration
Frame type
IFAB_RES
Data nibbles
12-bit angle
00
3 nibbles
16-bit angle
01
4 nibbles
12-bit angle, 8-bit temperature
10
5 nibbles
16-bit angle, 8-bit temperature
11
6 nibbles
Table 4-20 Structure of status nibble
Name
Bits
Description
SYS_ERR
[3]
Indication of system error (S_FUSE, S_OV, S_XYOL, S_MAGOL, S_ADCT)
0: No system error
1: System error occurred
ELEC_ERR
[2]
Indication of electrical error (S_RST, S_VR)
0: No electrical error
1: Electrical error occurred
S_NR
[1]
Slave number bit 1 (level on IFC)
[0]
Slave number bit 0 (level on SCK)
Table 4-21 Predivider setting
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Unit time
t
Unit
3.0
μs
IFAB_HYST = 001)
1) Not subject to production test - verified by design/characterization
2.5
IFAB_HYST = 011)
2.0
IFAB_HYST = 101)
1.5
IFAB_HYST = 111)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com