| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 41 Page - STMicroelectronics |
|
41 / 203 page ![]() 0 1 000 00 1 $41 0 1 0 0 0 0 1 0 $42 R/W GPOCR General Purpose Output configuration X X 0 1 0 0 0 0 1 1 $43 R/W GPOCTRL0 General Purpose Output control register X X X X X 0 1 0 0 0 1 0 0 $44 R/W GPOCTRL1 General Purpose Output control register X X X X X 0 1 000 10 1 $45 0 1 0 0 0 1 1 0 $46 R GPOFLTSR General Purpose Output fault status register 0 1 0 0 0 1 1 1 $47 R ISOFLTSR ISO9141 fault status register 0 1 001 00 0 $48 0 1 001 00 1 $49 0 1 0 0 1 0 1 0 $4A R/W RSCR1 PSI5 configuration register X 0 1 001 01 1 $4B R/W RSCR2 X 0 1 001 10 0 $4C 0 1 001 10 1 $4D 0 1 0 0 1 1 1 0 $4E R/W RSCTRL Remote sensor control register X X X X 0 1 001 11 1 $4F 0 1 0 1 0 0 0 0 $50 R RSDR1 Remote sensor data and fault flag registers 0 1 010 00 1 $51 R RSDR2 0 1 010 01 0 $52 0 1 010 01 1 $53 0 1 010 10 0 $54 0 1 010 10 1 $55 0 1 010 11 0 $56 0 1 010 11 1 $57 0 1 011 00 0 $58 0 1 011 00 1 $59 Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |