| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 203 page ![]() Table 6. Global SPI register map GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming 0 0 0 0 0 0 0 0 $00 R FLTSR Global fault status register 0 0 000 00 1 $01 R/W SYS_CFG Power supply configuration (regulators' output voltage selection, enable internal safing engine) X 0 0 0 0 0 0 1 0 $02 R/W SYS_CTL Register to control the power management (enable for tests in diag state, enable for power mode control bits) XX X X X 0 0 0 0 0 0 1 1 $03 W SPI_SLEEP Sleep Mode command X X X X X 0 0 0 0 0 1 0 0 $04 R SYS_STATE Read register to report in which state the power control state machine is and also in which Operating state we are. 0 0 000 10 1 $05 R POWER_STATE Power state register (feedback on regulators' status and voltage thresholds) 0 0 0 0 0 1 1 0 $06 R/W DCR_0 Deployment configuration register XX X X 0 0 0 0 0 1 1 1 $07 R/W DCR_1 X X X X 0 0 0 0 1 0 0 0 $08 R/W DCR_2 X X X X 0 0 0 0 1 0 0 1 $09 R/W DCR_3 X X X X 0 0 001 01 0 $0A 0 0 001 01 1 $0B 0 0 001 10 0 $0C 0 0 001 10 1 $0D 0 0 001 11 0 $0E 0 0 001 11 1 $0F 0 0 010 00 0 $10 0 0 010 00 1 $11 0 0 0 1 0 0 1 0 $12 R/W DEPCOM Deployment command register X X |