| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 203 page ![]() 0 0 101 10 0 $2C R WD_STATE Watchdog state 0 0 1 0 1 1 0 1 $2D R/W CLK_CONF Clock Configuration X 0 0 101 11 0 $2E 0 0 101 11 1 $2F 0 0 1 1 0 0 0 0 $30 W SCRAP_STATE Scrap State command X 0 0 1 1 0 0 0 1 $31 W SAFING_STATE Safing State command X 0 0 110 01 0 $32 0 0 110 01 1 $33 0 0 110 10 0 $34 0 0 1 1 0 1 0 1 $35 W WD_TEST Watchdog first and second level test X X X X X 0 0 1 1 0 1 1 0 $36 R/W SYSDIAGREQ Diagnostic command for system safing X 0 0 110 11 1 $37 R LPDIAGSTAT Diagnostic results register for deployment loops 0 0 111 00 0 $38 R/W LPDIAGREQ Diagnostic configuration command for deployment loops XX X X 0 0 1 1 1 0 0 1 $39 R/W SWCTRL DC sensor diagnostic configuration X X X X 0 0 111 01 0 $3A R/W DIAGCTRL_A In WID is AtoD converter control register A. In RID is AtoD result A request. XX X X 0 0 111 01 1 $3B R/W DIAGCTRL_B In WID is AtoD converter control register B. In RID is AtoD result B request. XX X X 0 0 111 10 0 $3C R/W DIAGCTRL_C In WID is AtoD converter control register C. In RID is AtoD result C request. XX X X 0 0 111 10 1 $3D R/W DIAGCTRL_D In WID is AtoD converter control register D. In RID is AtoD result D request. XX X X 0 0 111 11 0 $3E 0 0 111 11 1 $3F 0 1 000 00 0 $40 Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |