| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 83 Page - STMicroelectronics |
|
83 / 203 page ![]() DocID029274 Rev 3 83/203 L9678P, L9678P-S SPI interface 202 ADC D control command (DIAGCTRL_D) Address: 3D Type: RW Buffer: $3D00 Reset: $007A 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X X ADCREQ_D[6:0] MISO 0 0 ADCREQ_D[6:0] ADCRES_D[9:0] NEWDATA_x 0 0 0 New data available from convertion Updated by SSM_RESET or ADC state machine 0 cleared on read 1 convertion finished ADCREQ_x[6:0] $00 $00 $00 ADC Request select command Updated by SSM_RESET or SPI write to DIAGCTRL_x Measurement $00 Unused $01 Ground Ref $02 Full scale Ref $030 DCSx voltage $04 DCSx current $05 DCSx resistance $06 Squib x resistance $07 Internal BG reference voltage (BGR) $080 Internal BG monitor voltage (BGM) $09 Unused $0A Temperature $0B DCS 0 voltage $0C DCS 1 voltage $0D DCS 2 voltage $0E DCS 3 voltage $20 VBATMON pin voltage $21 VIN pin voltage $22 Internal analog supply voltage (VINT) $23 Internal digital supply voltage (VDD) |