| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 203 page ![]() DocID029274 Rev 3 23/203 L9678P, L9678P-S Start-up power control 202 4.2.5 Power-up and power-down sequence The behavior of the IC during normal power-up and power-down is shown from Figure 5 to Figure 8. The following sequences represent just a subset of all possible power-up and power-down scenarios. In Figure 5 a normal IC power-up controlled by the state of the WAKEUP pin is shown. Figure 5. Normal power-up sequence - WAKEUP controlled Watchdog X X X - - - - Diagnostics X X X - - - - DC sensor interface X X X - - - - GPO drivers X X X - - - - Safing logic X X X - - - - ISO9141 X X X - - - - Table 4. Functions disabling by state (continued) Function Power Off Wake-up monitor Awake Start-up Run Power mode shutdown ER |