| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 64 Page - STMicroelectronics |
|
64 / 203 page ![]() SPI interface L9678P, L9678P-S 64/203 DocID029274 Rev 3 5.1.9 Deployment configuration registers (DSR_x) Channel 0 (DSR_0) Channel 1 (DSR_1) Channel 2 (DSR_2) Channel 3 (DSR_3) Address: 13 (DSR_0) 14 (DSR_1) 15 (DSR_2) 16 (DSR_3) Type: R Buffer: $1300 (DSR_0) $1400 (DSR_1) $1500 (DSR_2) $1600 (DSR_3) Reset: - 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - x x x x x x x x x x x x x x x x MISO 0 0 0 0 00 0 0 0 0 CHxDS 0 0 0 Channel x deployment successful Updated according to Deployment Driver Control Logic (set when deployment terminates on ch x due to deploy timer time-out, cleared on SSM_RESET OR when deployment starts on ch x) 0 Deployment not successful 1 Deployment successful CHxSTAT 0 0 0 (set when deployment starts on ch x, cleared on SSM_RESET OR when deployment terminates due to deploy timer time-out, LS Over current OR GND Loss) 0 Deployment not in progress 1 Deployment in progress CHxDD 0 0 0 Default Deploy Flag on Channel x Updated by SSM_RESET, or when the Deployment Configuration Register is written with an incorrect configuration |