| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 203 page ![]() Start-up power control L9678P, L9678P-S 20/203 DocID029274 Rev 3 4.2 Power mode control Start-up and power down of the L9678P are controlled by the WAKEUP pin, VBATMON pin, VIN pin device status and the SPI interface. There are four main power modes: power-off, sleep, active and passive mode. Each power mode is described below and represented in the state flow diagram shown in Figure 3. The descriptions include references to conditions and sometimes nominal values. The absolute values for each condition are listed in the electrical specifications section. Figure 3. Power control state flow diagram |