| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 203 page ![]() 0 0 010 01 1 $13 R DSR_0 Deployment status register 0 0 010 10 0 $14 R DSR_1 0 0 010 10 1 $15 R DSR_2 0 0 010 11 0 $16 R DSR_3 0 0 010 11 1 $17 0 0 011 00 0 $18 0 0 011 00 1 $19 0 0 011 01 0 $1A 0 0 011 01 1 $1B 0 0 011 10 0 $1C 0 0 011 10 1 $1D 0 0 011 11 0 $1E 0 0 011 11 1 $1F R DCMTS01 Deployment current monitor register 0 0 100 00 0 $20 R DCMTS23 0 0 100 00 1 $21 0 0 100 01 0 $22 0 0 100 01 1 $23 0 0 100 10 0 $24 0 0 1 0 0 1 0 1 $25 R/W SPIDEPEN Lock/Unlock command X X 0 0 1 0 0 1 1 0 $26 R LP_GNDLOSS Loss of ground fault for squib loops 0 0 1 0 0 1 1 1 $27 R VERSION_ID Device version 0 0 1 0 1 0 0 0 $28 R/W WD_RETRY_CONF Watchdog Retry Configuration X 0 0 101 00 1 $29 0 0 1 0 1 0 1 0 $2A R/W WDTCR Watchdog timer configuration X 0 0 1 0 1 0 1 1 $2B R/W WD1T Watchdog key transmission & Test mode X X X X X Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |