| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 203 page ![]() Start-up power control L9678P, L9678P-S 24/203 DocID029274 Rev 3 Figure 6. Normal power-up sequence - VIN controlled Two different scenarios for power-down of the IC are shown here below. Figure 7 describes the powering down for the case when WAKEUP pin is released. As soon as a SPI_SLEEP command is received by the MCU the System will immediately move to the energy reserve (PASSIVE mode). In Figure 8, VIN release begins the shutdown process. |