| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 106 Page - STMicroelectronics |
|
106 / 203 page ![]() SPI interface L9678P, L9678P-S 106/203 DocID029274 Rev 3 5.1.46 Safing control registers (SAF_CONTROL_x) Safing control register for record 1 (SAF_CONTROL_1) Safing control register for record 2 (SAF_CONTROL_2) Safing control register for record 3 (SAF_CONTROL_3) Safing control register for record 4 (SAF_CONTROL_4) Address: $EF (SAF_CONTROL_1) $F0 (SAF_CONTROL_2) $F1 (SAF_CONTROL_3) $F2 (SAF_CONTROL_4) Type: RW Buffer: $EF00 (SAF_CONTROL_1) $F000 (SAF_CONTROL_2) $F100 (SAF_CONTROL_3) $F200 (SAF_CONTROL_4) Reset: $80DE (SAF_CONTROL_1) $80E0 (SAF_CONTROL_2) $80E2 (SAF_CONTROL_3) $80E4 (SAF_CONTROL_4) 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - XX MISO 0 000 00 ARMSELx 00 00 00 ARMINT select for safing record x - correlates ARMINT 1 and ARMINT2 (as determined by ARM1x and ARM2x bits) to ARMP and ARMN Updated by SSM_RESET or SPI write while in DIAG state 00 ARMP OR ARMN 01 ARMP 10 ARMN 11 ARMP OR ARMN SPIFLDSELx 0 0 0 SPI field select for safing record x - determines which 16-bit field in long SPI messages (>31 bit) to use for response on MISO of SPI monitor. In case of messages less than 32 bits this bit is don't care. |