| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS31256 bảng dữ liệu(PDF) 181 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 bảng dữ liệu(HTML) 181 Page - Maxim Integrated Products |
|
181 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 181 of 183 17.2 Dual T3 with 256 HDLC Channel Support Figure 17-5 shows an application where two T3 lines are interfaced to a single DS31256. The T3 lines are demultiplexed by DS3112 M13 devices and passed to the DS21FF42 4 x 4 16-channel T1 framer and DS21FT42 4 x 3 12-channel T1 framer devices. The T1 framers locate the frame and multiframe boundaries and interface to the DS31256 by aggregating four T1 lines into a single 8.192MHz data stream, which then flows into and out of the DS31256. The T1 lines can be either clear channel or channelized. Figure 17-5. Dual T3 Application DS31256 DS21FF42 4 x 4 16-Channel T1 Framer DS21FT42 4 x 3 12-Channel T1 Framer DS21FF42 4 x 4 16-Channel T1 Framer DS21FT42 4 x 3 12-Channel T1 Framer DS3112 M13 Interface 1 2 16 T3 Line #1 T3 Line #2 Port 0 Port 1 Port 2 Port 3 17 18 28 Port 4 Port 5 Port 6 Port 7 1 2 16 17 18 28 Port 8 Port 9 Port 10 Port 11 Port 12 Port 13 Port 14 Port 15 DS3112 M13 Interface DS3152 Dual T3/E3 LIU |