| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS31256 bảng dữ liệu(PDF) 180 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 bảng dữ liệu(HTML) 180 Page - Maxim Integrated Products |
|
180 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 180 of 183 Figure 17-3. Quad T1/E1 Connection 17.1 16 Port T1 or E1 with 256 HDLC Channel Support Figure 17-4 shows an application where 16 T1 or E1 links are framed and interfaced to a single DS31256. The T1 lines can be either clear-channel or channelized. The DS21Q55 quad T1/E1/J1 single-chip transceiver performs the line interface function and frames to the T1/E1/J1 line. Figure 17-4. 16-Port T1 Application DS31256 DS21455 Transceiver Port 0 Port 1 Port 2 Port 3 Port 4 Port 5 Port 6 Port 7 Port 8 Port 9 Port 10 Port 11 Port 12 Port 13 Port 14 Port 15 Four Four Four Four T1 or E1Lines DS21455 Transceiver DS21455 Transceiver DS21455 Quad T1/E1 Transceiver Quad T1/E1 Quad T1/E1 Quad T1/E1 T1 or E1Lines T1 or E1Lines T1 or E1Lines |