công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908AP16CFB bảng dữ liệu(PDF) 105 Page - Motorola, Inc

tên linh kiện MC68HC908AP16CFB
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB bảng dữ liệu(HTML) 105 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 101Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 102Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 103Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 104Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 105Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 106Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 107Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 108Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 109Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 440 page
background image
Clock Generator Module (CGM)
Functional Description
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
105
8.3.1 Oscillator Module
The oscillator module provides two clock outputs CGMXCLK and
CGMRCLK to the CGM module. CGMXCLK when selected, is driven to
SIM module to generate the system bus clock. CGMRCLK is used by the
phase-lock-loop to provide a higher frequency system bus clock. The
oscillator module also provides the reference clock for the timebase
module (TBM). See Section 7. Oscillator (OSC) for detailed oscillator
circuit description. See Section 12. Timebase Module (TBM) for
detailed description on TBM.
8.3.2 Phase-Locked Loop Circuit (PLL)
The PLL is a frequency generator that can operate in either acquisition
mode or tracking mode, depending on the accuracy of the output
frequency. The PLL can change between acquisition and tracking
modes either automatically or manually.
8.3.3 PLL Circuits
The PLL consists of these circuits:
•
Voltage-controlled oscillator (VCO)
•
Reference divider
•
Frequency pre-scaler
•
Modulo VCO frequency divider
•
Phase detector
•
Loop filter
•
Lock detector
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com