công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS53L30 bảng dữ liệu(PDF) 45 Page - Cirrus Logic

tên linh kiện CS53L30
Giải thích chi tiết về linh kiện  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 bảng dữ liệu(HTML) 45 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 41Page - Cirrus Logic CS53L30 Datasheet HTML 42Page - Cirrus Logic CS53L30 Datasheet HTML 43Page - Cirrus Logic CS53L30 Datasheet HTML 44Page - Cirrus Logic CS53L30 Datasheet HTML 45Page - Cirrus Logic CS53L30 Datasheet HTML 46Page - Cirrus Logic CS53L30 Datasheet HTML 47Page - Cirrus Logic CS53L30 Datasheet HTML 48Page - Cirrus Logic CS53L30 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
DS992F2
45
CS53L30
6 Register Quick Reference
6 Register Quick Reference
Default values are shown below the bit names.
Adr.
Function
76543
210
0x00 Reserved
—
00000
000
0x01 Device ID A and B
(Read Only)
DEVIDA[3:0]
DEVIDB[3:0]
p. 47
01010
011
0x02 Device ID C and D
(Read Only)
DEVIDC[3:0]
DEVIDD[3:0]
p. 47
10100
011
0x03 Device ID E (Read
Only)
DEVIDE[3:0]
—
p. 47
00000
000
0x04 Reserved
—
00000
000
0x05 Revision ID (Read
Only)
AREVID[3:0]
MTLREVID[3:0]
p. 47
xxxxxxxx
0x06 Power Control
PDN_ULP
PDN_LP
DISCHARGE_
FILT+
THMS_PDN
—
p. 47
00010
000
0x07 MCLK Control
MCLK_DIS
MCLK_INT_
SCALE
DMIC_DRIVE
—
MCLK_DIV[1:0]
SYNC_EN
—
p. 48
00000
100
0x08 Internal Sample Rate
Control
—
INTERNAL_FS_
RATIO
—
MCLK_19MHZ_
EN
p. 48
00011
100
0x09 Reserved
—
00000
000
0x0A Mic Bias Control
MIC4_BIAS_
PDN
MIC3_BIAS_
PDN
MIC2_BIAS_
PDN
MIC1_BIAS_
PDN
—
VP_MIN
MIC_BIAS_CTRL[1:0]
p. 49
11110
100
0x0B Reserved
—
00000
000
0x0C ASP Configuration
Control
ASP_M/S
—
ASP_SCLK_INV
ASP_RATE[3:0]
p. 49
00001
100
0x0D ASP Control 1
ASP_TDM_PDN ASP_SDOUT1_
PDN
ASP_3ST
SHIFT_LEFT
—
ASP_SDOUT1_
DRIVE
p. 49
10000
000
0x0E ASP TDM TX Control 1 ASP_CH1_TX_
STATE
—
ASP_CH1_TX_LOC[5:0]
p. 50
00101
111
0x0F ASP TDM TX Control 2 ASP_CH2_TX_
STATE
—
ASP_CH2_TX_LOC[5:0]
p. 50
00101
111
0x10 ASP TDM TX Control 3 ASP_CH3_TX_
STATE
—
ASP_CH3_TX_LOC[5:0]
p. 50
00101
111
0x11 ASP TDM TX Control 4 ASP_CH4_TX_
STATE
—
ASP_CH4_TX_LOC[5:0]
p. 50
00101
111
0x12 ASP TDM TX Enable 1
ASP_TX_ENABLE[47:40]
p. 50
00000
000
0x13 ASP TDM TX Enable 2
ASP_TX_ENABLE[39:32]
p. 50
00000
000
0x14 ASP TDM TX Enable 3
ASP_TX_ENABLE[31:24]
p. 50
00000
000
0x15 ASP TDM TX Enable 4
ASP_TX_ENABLE[23:16]
p. 50
00000
000
0x16 ASP TDM TX Enable 5
ASP_TX_ENABLE[15:8]
p. 50
00000
000
0x17 ASP TDM TX Enable 6
ASP_TX_ENABLE[7:0]
p. 50
00000
000
0x18 ASP Control 2
—
ASP_SDOUT2_
PDN
—
ASP_SDOUT2_
DRIVE
p. 50
00000
000
0x19 Reserved
—
00000
000
0x1A Soft Ramp Control
—
DIGSFT
—
p. 50
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67