công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25QL32CXIGX bảng dữ liệu(PDF) 40 Page - ELM Electronics

tên linh kiện GD25QL32CXIGX
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELM [ELM Electronics]
Trang chủ  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25QL32CXIGX bảng dữ liệu(HTML) 40 Page - ELM Electronics

Back Button GD25QL32CXIGX Datasheet HTML 36Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 37Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 38Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 39Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 40Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 41Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 42Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 43Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 44Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
40
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ32CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
7.25. Read Identification (RDID) (9FH)
The Read Identification (RDID) command allows the 8-bit manufacturer identification to be read, followed by
two bytes of device identification. The device identification indicates the memory type in the first byte, and the
memory capacity of the device in the second byte. The Read Identification (RDID) command while an Erase
or Program cycle is in progress, is not decoded, and has no effect on the cycle that is in progress. The Read
Identification (RDID) command should not be issued while the device is in Deep Power-Down Mode.
The device is first selected by driving CS# to low. Then, the 8-bit command code for the command is shifted
in. This is followed by the 24-bit device identification, stored in the memory, being shifted out on Serial Data
Output, each bit being shifted out during the falling edge of Serial Clock. The command sequence is shown in
Figure27. The Read Identification (RDID) command is terminated by driving CS# to high at any time during
data output. When CS# is driven high, the device is put in the Standby Mode. Once in the Standby Mode, the
device waits to be selected, so that it can receive, decode and execute commands.
Figure 27. Read Identification ID Sequence Diagram
0 1 2 3 4 5 6 7
CS#
SCLK
SI
SO
8 9 10
MSB
18 19 20 21
17
6 5 4 3 2 1 0
22 23
16
26 27 28 29
25
30 31
24
7
Capacity ID7-ID0
CS#
SCLK
SI
SO
MSB
Memory Type ID15-ID8
6 5 4 3 2 1 0
7
11 12 13 14 15
9FH
6 5 4 3 2 1 0
7
Manufacturer ID
MSB
Figure 27a. Read Identification ID Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
9FH
12 8
6
0
13 9
1
15 11
3
14 10
2
4
5
6
7
IOs switch from
Input to Output
MID ID15-8 ID7-0
0
1
3
2
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com