công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25QL32CXIGX bảng dữ liệu(PDF) 26 Page - ELM Electronics

tên linh kiện GD25QL32CXIGX
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELM [ELM Electronics]
Trang chủ  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25QL32CXIGX bảng dữ liệu(HTML) 26 Page - ELM Electronics

Back Button GD25QL32CXIGX Datasheet HTML 22Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 23Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 24Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 25Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 26Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 27Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 28Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 29Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 30Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
26
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ32CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
Figure 13a. Quad I/O Word Fast Read Sequence Diagram (M5-4 = (1, 0))
0 1 2 3 4 5 6 7
CS#
SCLK
8 9 10 11 12 13 14 15
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
4
5
6
7
A23-16 A15-8 A7-0 M7-0 Dummy Byte1 Byte2
4 0
5 1
6 2
7 3
Byte3
normal operation. A “Continuous Read Mode” Reset command can be used to reset (M5-4) before issuing
normal command.
Figure 13. Quad I/O Word Fast Read Sequence Diagram (M5-4 ≠ (1, 0))
Command
0 1 2 3 4 5 6 7
E7H
CS#
SCLK
SI(IO0)
SO(IO1)
8 9 10 11 12 13 14 15
4 0 4 0 4 0 4 0
16 17 18 19 20 21 22 23
4 0 4 0
5 1 5 1 5 1 5 1
5 1 5 1
A23-16 A15-8 A7-0 M7-0
6 2 6 2 6 2 6 2
6 2 6 2
7 3 7 3 7 3 7 3
7 3 7 3
WP#(IO2)
HOLD#(IO3)
4
5
6
7
Dummy
Byte1 Byte2
4 0
5 1
6 2
7 3
Byte3
Quad I/O Word Fast Read with “8/16/32/64-Byte Wrap Around” in Standard SPI mode
The Quad I/O Word Fast Read command can be used to access a specific portion within a page by issuing “Set
Burst with Wrap” (77H) commands prior to E7H. The “Set Burst with Wrap” (77H) command can either enable
or disable the “Wrap Around” feature for the following E7H commands. When “Wrap Around” is enabled, the
data being accessed can be limited to either an 8/16/32/64-byte section of a 256-byte page. The output data
starts at the initial address specified in the command, once it reaches the ending boundary of the 8/16/32/64-byte
section, the output will wrap around the beginning boundary automatically until CS# is pulled high to terminate
the command.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then fill
the cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing multiple read commands.
The “Set Burst with Wrap” command allows three “Wrap Bits” W6-W4 to be set. The W4 bit is used to enable
or disable the “Wrap Around” operation while W6-W5 is used to specify the length of the wrap around section
within a page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com