công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25QL32CXIGX bảng dữ liệu(PDF) 21 Page - ELM Electronics

tên linh kiện GD25QL32CXIGX
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELM [ELM Electronics]
Trang chủ  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25QL32CXIGX bảng dữ liệu(HTML) 21 Page - ELM Electronics

Back Button GD25QL32CXIGX Datasheet HTML 17Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 18Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 19Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 20Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 21Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 22Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 23Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 24Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 25Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
21
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ32CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
Fast Read (0BH) in QPI mode
The Fast Read command is also supported in QPI mode. In QPI mode, the number of dummy clocks is
configured by the “Set Read Parameters (C0H)” command to accommodate a wide range application with
different needs for either maximum Fast Read frequency or minimum data access latency. Depending on the
Read Parameter Bits P[5:4] setting, the number of dummy clocks can be configured as either 4/6/8.
Figure 8a. Read Data Bytes at Higher Speed Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
0BH
20
12
16
8
6
7
8
9 10
4
4
0
0
4
0 4
0
4
21
13
17
9
5
5
1
1
5
1 5
1
5
22
14
18
10 6
6
2
2
6
2 6
2
6
23
15
19
11 7
7
3
3
7
3 7
3
7
A23-16 A15-8 A7-0 Dummy*
11 12 13
IOs switch from
Input to output
Byte1 Byte2
*"Set Read Parameters" Command (C0H)
can set the number of dummy clocks
7.8. Dual Output Fast Read (3BH)
The Dual Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, each bit
being latched in during the rising edge of SCLK, then the memory contents are shifted out 2-bit per clock cycle
from SI and SO.
The command sequence is shown in followed Figure9. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
Figure 9. Dual Output Fast Read Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com