công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25QL32CXIGX bảng dữ liệu(PDF) 19 Page - ELM Electronics

tên linh kiện GD25QL32CXIGX
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELM [ELM Electronics]
Trang chủ  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25QL32CXIGX bảng dữ liệu(HTML) 19 Page - ELM Electronics

Back Button GD25QL32CXIGX Datasheet HTML 15Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 16Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 17Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 18Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 19Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 20Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 21Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 22Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 23Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
19
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ32CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
Figure 6. Write Status Register Sequence Diagram
Command
0 1 2 3 4 5 6 7
01H
CS#
SCLK
SI
SO
High-Z
8 9 10 11 12 13 14 15
MSB
7 6 5 4 3 2 1 0
Status Register in
16 17 18 19 20 21 22 23
15 14 13 12 11 10 9 8
7.5. Write Status Register (WRSR) (01H)
The Write Status Register (WRSR) command allows new values to be written to the Status Register. Before it
can be accepted, a Write Enable (WREN) command must previously have been executed. After the Write En-
able (WREN) command has been decoded and executed, the device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) command has no effect on S15, S10, S1 and S0 of the Status Register. CS#
must be driven high after the eighth or sixteen bit of the data byte has been latched in. If not, the Write Status
Register (WRSR) command is not executed. If CS# is driven high after eighth bit of the data byte, the CMP and
QE bits will be cleared to 0 in SPI mode, while only CMP will be cleared to 0 in QPI mode. As soon as CS# is
driven high, the self-timed Write Status Register cycle (whose duration is tW) is initiated. While the Write Status
Register cycle is in progress, the Status Register may still be read to check the value of the Write In Progress
(WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when
it is completed. When the cycle is completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) command allows the user to change the values of the Block Protect (BP4,
BP3, BP2, BP1, and BP0) bits, to define the size of the area that is to be treated as read-only, as defined in Ta-
ble1. The Write Status Register (WRSR) command also allows the user to set or reset the Status Register Protect
(SRP1 and SRP0) bits in accordance with the Write Protect (WP#) signal. The Status Register Protect (SRP1
and SRP0) bits and Write Protect (WP#) signal allow the device to be put in the Hardware Protected Mode. The
Write Status Register (WRSR) command is not executed once the Hardware Protected Mode is entered.
Figure 6a. Write Status Register Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
01H
4
12
0
8
5
13
1
9
14 10
7
3 15 11
Status Register in
6
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com