công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25QL32CXIGX bảng dữ liệu(PDF) 39 Page - ELM Electronics

tên linh kiện GD25QL32CXIGX
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELM [ELM Electronics]
Trang chủ  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25QL32CXIGX bảng dữ liệu(HTML) 39 Page - ELM Electronics

Back Button GD25QL32CXIGX Datasheet HTML 35Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 36Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 37Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 38Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 39Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 40Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 41Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 42Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 43Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
39
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ32CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
Figure 26. Read Manufacture ID/Device ID Quad I/O Sequence Diagram
Command
0 1 2 3 4 5 6 7
94H
CS#
SCLK
SI(IO0)
SO(IO1)
8 9 10 11 12 13 14 15
4 0 4 0 4 0 4 0
16 17 18 19 20 21 22 23
4 0 4 0
5 1 5 1 5 1 5 1
5 1 5 1
A23-16 A15-8 A7-0 M7-0
6 2 6 2 6 2 6 2
6 2 6 2
7 3 7 3 7 3 7 3
7 3 7 3
WP#(IO2)
HOLD#(IO3)
Dummy
MFR ID DID
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
24 25 26 27 28 29 30 31
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
MFR ID
(Repeat)
DID
(Repeat)
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
MFR ID
(Repeat)
DID
(Repeat)
7.24. Read Manufacture ID/Device ID Quad I/O (94H)
The Read Manufacturer/Device ID Quad I/O command is an alternative to the Release from Power-Down/
Device ID command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID by
quad I/O.
The command is initiated by driving the CS# pin low and shifting the command code “94H” followed by a
24-bit address (A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID are shifted out on
the falling edge of SCLK with most significant bit (MSB) first as shown in Figure26. If the 24-bit address is
initially set to 000001H, the Device ID will be read first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com