công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25QL32CXIGX bảng dữ liệu(PDF) 29 Page - ELM Electronics

tên linh kiện GD25QL32CXIGX
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELM [ELM Electronics]
Trang chủ  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25QL32CXIGX bảng dữ liệu(HTML) 29 Page - ELM Electronics

Back Button GD25QL32CXIGX Datasheet HTML 25Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 26Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 27Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 28Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 29Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 30Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 31Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 32Page - ELM Electronics GD25QL32CXIGX Datasheet HTML 33Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
29
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ32CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
7.15. Quad Page Program (32H)
The Quad Page Program command is for programming the memory using four pins: IO0, IO1, IO2 and IO3.
To use Quad Page Program the Quad enable in status register Bit9 must be set (QE = 1). A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit before sending the
Page Program command. The Quad Page Program command is entered by driving CS# Iow, followed by the
command code (32H), three address bytes and at least one data byte on IO pins.
The command sequence is shown in Figure 16. If more than 256 bytes are sent to the device, previously latched
data are discarded and the last 256 data bytes are guaranteed to be programmed correctly within the same page.
If less than 256 data bytes are sent to device, they are correctly programmed at the requested addresses without
having any effects on the other bytes of the same page. CS# must be driven high after the eighth bit of the last
data byte has been latched in, otherwise the Quad Page Program (PP) command is not executed.
As soon as CS# is driven high, the self-timed Quad Page Program cycle (whose duration is tPP) is initiated.
While the Quad Page Program cycle is in progress, the Status Register may be read to check the value of the
Write In Progress (WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Quad Page Program
cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable
Latch (WEL) bit is reset.
A Quad Page Program command applied to a page which is protected by the Block Protect (BP4, BP3, BP2,
BP1 and BP0) is not executed.
Figure 16. Quad Page Program Sequence Diagram
Command
0 1 2 3 4 5 6 7
32H
CS#
SCLK
8 9 10
28 29 30 31
3 2 1 0
23 22 21
24-bit address
32 33 34 35
4 0
MSB
36 37 38 39
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
Byte1 Byte2
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
Byte11
4 0
5 1
6 2
7 3
Byte12
4 0
5 1
6 2
7 3
Byte253
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
Byte256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com