công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM8313 bảng dữ liệu(PDF) 102 Page - PMC-Sierra, Inc

tên linh kiện PM8313
Giải thích chi tiết về linh kiện  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 bảng dữ liệu(HTML) 102 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 98Page - PMC-Sierra, Inc PM8313 Datasheet HTML 99Page - PMC-Sierra, Inc PM8313 Datasheet HTML 100Page - PMC-Sierra, Inc PM8313 Datasheet HTML 101Page - PMC-Sierra, Inc PM8313 Datasheet HTML 102Page - PMC-Sierra, Inc PM8313 Datasheet HTML 103Page - PMC-Sierra, Inc PM8313 Datasheet HTML 104Page - PMC-Sierra, Inc PM8313 Datasheet HTML 105Page - PMC-Sierra, Inc PM8313 Datasheet HTML 106Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
92
Register 27H: RFDL TSB Receive Data
Bit
Type
Function
Default
Bit 7
R
RD7
X
Bit 6
R
RD6
X
Bit 5
R
RD5
X
Bit 4
R
RD4
X
Bit 3
R
RD3
X
Bit 2
R
RD2
X
Bit 1
R
RD1
X
Bit 0
R
RD0
X
RD0
RD0 corresponds to the first bit of the serial byte received by the RFDL.
This register is actually a 4 level FIFO. If data is available, the FE bit in the
Status register is low. If INTC[1:0] (in the Enable/Status register) is set to 01, the
Receive Data register must be read within 31 data bit periods to prevent an
overrun. If INTC[1:0] is set to 11 the Receiver Data register must be read within
15 data bit periods.
When an overrun is detected, an interrupt is generated and the FIFO is held
cleared until the Status register is read. When the LAPD abort sequence
(01111111) is detected in the data an ABORT interrupt is generated and the
data that has been shifted into the serial to parallel converter is written into the
FIFO.
A read of the Receive Data register increments the FIFO pointer at the end of the
read. If the Receive Data register read causes an FIFO underrun, then the
pointer is inhibited from incrementing. The underrun condition will be signaled in
the next Status read by returning all zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com