công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM8313 bảng dữ liệu(PDF) 62 Page - PMC-Sierra, Inc

tên linh kiện PM8313
Giải thích chi tiết về linh kiện  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 bảng dữ liệu(HTML) 62 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 58Page - PMC-Sierra, Inc PM8313 Datasheet HTML 59Page - PMC-Sierra, Inc PM8313 Datasheet HTML 60Page - PMC-Sierra, Inc PM8313 Datasheet HTML 61Page - PMC-Sierra, Inc PM8313 Datasheet HTML 62Page - PMC-Sierra, Inc PM8313 Datasheet HTML 63Page - PMC-Sierra, Inc PM8313 Datasheet HTML 64Page - PMC-Sierra, Inc PM8313 Datasheet HTML 65Page - PMC-Sierra, Inc PM8313 Datasheet HTML 66Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
52
Register 00H: Master Reset / Clock Status
Bit
Type
Function
Default
Bit7
R
DS3RCACT
X
Bit6
R
DS3TCACT
X
Bit5
R
DS2TCACT
X
Bit4
Unused
X
Bit3
Unused
X
Bit2
Unused
X
Bit1
Unused
X
Bit0
R/W
RESET
0
The Master Reset Register is provided at D3MX read/write address 00H.
RESET:
The RESET bit implements a software reset. If the RESET bit is a logic 1, the
entire D3MX is held in reset. This bit is not self-clearing; therefore, a logic 0
must be written to bring the D3MX out of reset. Holding the D3MX in a reset
state effectively puts it into a low power, stand-by mode. A hardware reset
clears the RESET bit, thus deasserting the software reset.
DS3RCACT:
The DS3 Receive Clock Activity (DS3RCACT) bit indicates at least one low to
high transition has occurred on the RCLK input since the last read of this
register. The DS3RCACT bit is set to a logic 1 by a rising edge on the RCLK
input and is cleared to a logic 0 by a read of this register.
DS3TCACT:
The DS3 Transmit Clock Activity (DS3TCACT) bit indicates at least one low to
high transition has occurred on the TICLK input since the last read of this
register. The DS3TCACT bit is set to a logic 1 by a rising edge on the TICLK
input and is cleared to a logic 0 by a read of this register.
DS2TCACT:
The DS2 Transmit Clock Activity (DS2TCACT) bit indicates at least one low to
high transition has occurred on the TD2CLK input since the last read of this
register. The DS2TCACT bit is set to a logic 1 by a rising edge on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com